Part Number Hot Search : 
SMCJ13 124EC BDY58 78L05 00146 2SC5646A IDT74FC 33SA70G
Product Description
Full Text Search
 

To Download 22-05-1022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/12/2010 please check www.molex.com for latest part information part number: 0022051022 status: active description: 2.50mm (.098") pitch wire-to-board header, right angle, friction lock, 2 circuits, tin (sn) plating documents: 3d model product specification ps-51191-002 (pdf) drawing (pdf) product specification ps-5251-001 (pdf) product specification ps-5046-002 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72090224 ul e29179 general product family pcb headers series 5046 application wire-to-board product name n/a physical breakaway no circuits (loaded) 2 circuits (maximum) 2 durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin number of rows 1 orientation right angle pc tail length (in) 0.134 in pc tail length (mm) 3.40 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to pcb no shrouded partial stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5046 series mates with 51191 kk? wire-to-board header
electrical current - maximum per contact 1.5a, 2.5a, 2a, 3a voltage - maximum 250v material info old part number 5046-02a reference - drawing numbers packaging specification spk-5046-001 product specification ps-5046-002, ps-51191-002, ps-5251-001, rps-51191-007 sales drawing sd-5046-na this document was generated on 05/12/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 22-05-1022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X